Part Number Hot Search : 
2SC3942 82XS26D6 DG447 ON1514 FA2361U BZT55C51 MT5310 G2N7002
Product Description
Full Text Search
 

To Download A215SYZQ1437556-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gemini Series
Toggle Switches, A Series, Part Number Matrix
"A" SERIES DESIGN FEATURES
* Toggle - Machined brass, heavy nickel plated. * Bushing & Frame - Rigid one-piece die cast, copper flashed, heavy nickel plated. * Fixed Contact - Welded construction. * Terminal Seal - Epoxy sealing of terminals is standard.
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Silver: 2 A @ 250 VAC or 5 A @ 125 VAC Silver: 2 A @ 30 VDC Gold: 0.4 VA @ 20 VAC/DC max. Insulation Resistance ..............1,000 Megohms min. @ 500 VDC. Dielectric Strength ..................1,000 Volts RMS @ sea level initial Electrical Life ..........................Up to 30,000 Cycles
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold/gold flash Silver/tin lead Case Material ..........................Thermoset Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............-4F to + 185F (-20C to + 85C) Storage Temperature................-49F to + 212F (-45C to + 100C) Note: Hardware included with switch
.250 (6.35) Dia. .033 (.838) .022 (.559) Without Locking Ring .250 (6.35) Dia. Keyway
ALCO
C
Gemini Series
DESIGN
.030 (.762) TYP. 25 3 2 1 .185 (4.70) Typ. .190 (4.83) .030 (.762) 6 TYP. 5 4 .185 (4.70) Typ. .080 (.2.03) Typ.
.500 (12.70)
.270 (6.86)
.358 (9.09)
.234 (5.94) Without Locking Ring .250 .094 (6.35) (2.39) Dia.
Keyway 25 .500 (12.70)
.060 (1.52)
ALCO
.040 (1.02) 3 2 1 .080 (.2.03) Typ.
.240 (6.10) With Standard Locking Ring
.450 (6.10)
.358 (9.09)
PART NUMBERING
Model Function Toggle Bushing Terminal Z A Contact
K, K1: Cap Color
(Nickel Standard)
Option
A1 Single Pole A2 Double Pole 01 03 05 07 08 On-On On-Off-On (On)-Off-(On) On-Off-(On) On-(On)
S K K1 M P3 P4
T
Bat. Long Locking Locking Bat. Short Flatted (with Y only) Flatted (with Y only) Large Toggle & Bushing (15/32) Large Toggle & Bushing (15/32)
Wire Lug Right Angle
Q Silver
AV2 Vertical Right Angle C Printed Circuit V30 W Z3 V40
B Gold G Gold over Silver
0 Black 2 Red
Vertical V90 Support Wire Wrap Quick Connect
U.L.(Q or G contact only)
Note: For surface mount termination, use the "TST" series, Page C7
double pole case only
11 13 15
Y
On-On-On On-On-(On) (On)-On-(On)
T1
1/4-40 threaded, .35" long, slotted
Other Options
Y9 unthreaded, .35" long 1/4-40 threaded, .37" long, CW actuator & bushing flange environmental seals S & M Toggles only D 1/4-40 threaded, .28" long, slotted D9 Unthreaded, .28" long H 1/4-40 threaded, flanged, .30" long
N Black finish toggle, bushing and
hardware. Add "N" to end of part number, but before U.L. option.
See page C23 for SP3T wiring diagram.
T2P Large Flatted Toggle and Bushing (15/32)
O Internal O-ring environmental
actuator seal. Add letter after toggle option: S & M. Add letter after toggle S & M.
P Anti-Push-In/Anti rotate.
C22
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Options
FUNCTIONS
The following functions available in SP or DP.
01 03 05 07 08
2 Positions 3 Positions 3 Positions 3 Positions 2 Positions
None indicates no mechanical position Off indicates a mechanical position with no electrical connection. (On) indicates momentary action.
On On (On) (On) (On)
None Off Off Off None -- -- -- On On On 2--3 4--5
On On (On) On On 2--3 2--3 5--6 On On (On) 2--3 5--6 Gemini Series
C
SPDT, connect terminals: DPDT, connect terminals: 11 13 15
1--2 1--2 4--5 On (On) (On) Connect terminals: 1--2 4--5
3 Positions 3 Positions 3 Positions
Functions available in DP case only
* SP3T functions achieved with external jumper installed by customer
WIRING DIAGRAM FOR FUNCTIONS Ref. Slot
11 13 15
Pos. 3 Pos. 2 Pos. 1
ALCO
SINGLE POLE 3 POSITION* OUT 1 6 5 OUT 2 4 3 JUMPER 2 IN 1 OUT 3
POS. 1 6 (OUT) Ref. Slot 5 4 1 3 2 (IN)
POS. 2 6 Ref. Slot 5 1 4 (OUT) 3 2 (IN)
POS. 3 6 Ref. Slot 5 4 3 2 (IN) 1 (OUT)
TOGGLES
S
Standard
.115 (2.92) Dia.
M
Short
.105 (2.67) Dia. "L"
P3 P4
"B" .100 (2.54) "A" Flatted Available only with "Y" bushing. Pinned for anti-rotation. Use N-3-AG dress nut for enhancement. Pg. C54
T2P
Flatted
.242 (6.15) .140 (3.56) .610 (15.49) 15/32-32 NS .448 (11.38) .020 (.508) Pinned for anti-rotation
"L"
Dimension "L" .410 (10.41) .480 (12.19)
Bushing "Y", "H", "CW" "D", "D9"
.240 (6.10) Dia.
Dimension "L" .200 (5.08) .270 (6.86)
Bushing Type "Y", "H", "CW" "D", "D9"
.240 (6.10) Dia.
Actuator P3 P4
Dimension "A" "B" .450 (11.43) .200 (5.08) .250 (6.35) .165 (4.19)
.214 (5.44) Dia.
T
Large Toggle/ Bushing
T1
Large Toggle/ Bushing
15/32-32NS
K
Locking
K1
Locking
.214 (5.44) Dia.
.687 (17.45)
.460 (11.68) 1/4-40NS .448 (11.38)
.650 (16.51) Unlocked 1/4-40NS .580 .315 (14.73) (8.0) Ref Locked
.680 (17.27) Unlocked .610 .315 (15.49) (8.0) Ref Locked
15/32-32NS
.448 (11.38)
.050 (1.27)
.050 (1.27)
.020 (.508)
.020 No bushing option needed for "T" or T1". (.508)
No bushing option needed for "K" or K1" "K" locking levers are used to prevent accidental switching and must be lifted up prior to actuation. Standard nickel finish.
C23
Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Catalog 1308390 Issued 9-04 www.tycoelectronics.com
Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents.
Gemini Series
Toggle Switches, A Series, Options
BUSHINGS
Y
1/4-40 Thread .35" long, slotted (Standard)
.314 (7.98) Dia. .028 (.711)
D9
Unthreaded .28" long
.040 (1.02) .028 (.711)
H
1/4-40 Thread Flanged, .30" long
.315 (8.00) Dia. .225 (5.72) Dia. .300 (7.62)
.040 (1.02)
.250 (6.35) Dia.
.280 (7.10)
1/4-40NS .060 (1.52)
1/4-40NS
.280 (7.11)
C
Gemini Series D
1/4-40 Thread .28" long, slotted
.314 (7.98) Dia. .028 (.711)
Used with Z, C & W terminations
.205 (5.21) .040 (1.02) .028 (.711)
CW
Threaded Splashproof
.465 (11.81) .225 (5.72)
.040 (1.02) .250 (6.35) DIA. .280 (7.11) O-Ring 1/4-40NS
1/4-40NS
.280 (7.11)
.294 (7.47) .060 (1.52)
Used with A, AV2, V30 V80 & V90 terminations
For S & M Toggles
TERMINALS
Z
Wire Lug
.078 (1.98) Epoxy Seal .047 (1.19) .080 (2.03) .078 (1.98) .155 (3.94)
Z3
Quick Connect
W
Wire Wrap
Epoxy Seal
C
Printed Circuit
Epoxy Seal .189 (4.80) .050 (1.27) "A" .750 .250 (6.35)
Epoxy Seal .062 (1.57) .030 (.762)
.250 (6.35)
.190 (4.83) 3 .073 (1.85) Dia. Typ. 3 .185 (4.70) 2 1 6 5 4
Mates with Tyco 61454 or 60900.
.050 (1.27)
.185 (4.70)
2 1
.073 (1.85) Dia. Typ.
Single pole
Double pole
C24
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Options
TERMINALS
A
Keyway .500 (12.70) .270 (6.86) .048 (1.22) Typ. .125 .200 (3.18) (5.08) .500 (12.70) .050 (1.27) .030 (.762) Typ. .185 (4.70) Typ. .500 (12.7) .185 (4.70)
Epoxy Seal
Right Angle Single Pole
1 .073 (1.85) Typ. Dia. .200 (5.08)
3
2
C
Note: Terminal numbers viewed from top of P.C. boards.
Gemini Series
A
.500 (12.70) Keyway .048 (1.22) Typ. .048 (1.22) Typ. .200 (5.08) .450 (11.43) .125 (3.18) .150 (3.81) .500 (12.70) .050 (1.27) .030 (.762) Typ. Epoxy Seal .185 (4.70) Typ. .185 (4.70) Typ. .150 4 (3.81) .073 (1.85) Dia. .200 (5.08)
Right Angle Double Pole
6 .500 (12.70) 3 2
5 1
Note: Terminal numbers viewed from top of P.C. boards.
AV2
.270 (6.86) Keyway .500 (12.70) .048 (1.22) Typ. .150 (3.81) Typ. 25 .500 (12.70) .030 (762) Typ. .050 (1.27) Typ. .125 (3.18) Epoxy Seal .150 (3.81) 3 2 .500 (12.70) 1 .073 (1.85) Dia.
Vertical Right Angle Single Pole
.200 (5.08)
Note: Terminal numbers viewed from top of P.C. boards.
AV2
.450 (11.43) Keyway .450 (11.43) .048 (1.22) Typ. Epoxy Seal .150 (3.81) Typ. 3 2 1 6 5 4 .190 (4.83) .073 (1.85) Dia Typ.
Vertical Right Angle Double Pole
.125 (3.18) .050 (1.27) Typ. .150 (3.81) Typ.
.200 (5.08)
25
.500 (12.70)
.500 (12.7) .190 (4.83)
.030 (.762) Typ.
.200 (5.08)
Note: Terminal numbers viewed from top of P.C. boards.
C25
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Options
TERMINALS
V30 V40 V90
Vertical Support Bracket Single Pole
NOTE: Terminal numbers viewed from top of P.C. board
25 .125 (3.18) Typ.
A
Epoxy Seal .020 (.508) Typ. .030 (.762) Typ. .620 (15.75) .050 (1.27) .125 (3.18) .320 (8.13) .320 (8.13) .185 (4.70) .048 (1.22) Typ.
3 .620 (15.75) 2 1 .073 (1.85) Dia. Typ.
.370 (9.40)
Option Code V30 V40 V90
Dim."A" .460 (11.68) .630 (16.00) 1.150 (29.21)
C
Gemini Series
Vertical Support Bracket Double Pole
.185 (4.70) Typ.
25
.125 (3.18) Typ. A Epoxy Seal .030 (.762) Typ. .620 (15.75) .620 (15.75) .048 (1.22) Typ. .450 (11.43) .185 (4.70) .125 (3.18) .370 (9.40)
.020 (.508) .185 (4.70) Typ.
Option Code V30
Dim."A" .460 (11.68) .630 (16.00) 1.150 (29.21)
.073 (1.85) Dia. Typ.
.073 (1.85) DIA. TYP.
V40 V90
CONTACTS
B
CONTACTS: Copper alloy with gold plate, welded button. CONTACTS: Copper alloy with silver, welded button. TERMINALS: Brass with tin/lead plate. ELECTRICAL RATING: 5 A @ 125 VAC, 2 A @ 250 VAC, 2 A @ 30 VDC. UL/CSA RATING: 5A @ 125 VAC, 3A@ 250 VAC. (Specify "UL" option code)
Q
TERMINALS: Brass with gold plate. ELECTRICAL RATING: 0.4 VA @ 20 VAC/DC.
CONTACTS: Copper alloy with gold plate over silver, welded button. TERMINALS: Brass alloy, with gold plate.
G
ELECTRICAL RATING: O.4 VA @ 20 VAC/DC or 5 A @ 125 VAC, 2 A @ 250 VAC, 2 A @ 30 VDC.
Note: This contact option can be used for low-level or power switching. If level is above 0.4 VA @ 20 VAC/DC, the switch is rendered usable only for power switching due to arcremoval of gold plate. UL/CSA RATING: 5A @ 125 VAC, 3A @ 250 VAC (Specify "UL" option code)
C26
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
* Refer to Pages C22-C26 for Additional Options *
Toggle Switches, A Series, Vertical, Wire Lug, Long Bat Actuator
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
SPDT
1.12 (28.40) REF. .358 .410 (10.41) (9.09) .350 (8.90)
.155 (3.94) TYP. .185 (4.70) TYP.
KEYWAY .265 (6.70) .500 (12.7)
C
Gemini Series
Tyco Electronics Silver Contacts 5-1437554-0 7-1437554-7 9-1437554-6 1437555-9 2-1437555-0 Gold Contacts 4-1437554-9 7-1437554-6 9-1437554-5
Alcoswitch A101SYZQ A103SYZQ A105SYZQ A107SYZQ A108SYZQ A101SYZB A103SYZB A105SYZB A107SYZB
Type Act. Code P.M5 SPDT SPDT SPDT SPDT SPDT SPDT SPDT SPDT SPDT 1 5 5 5 1 1 5 5 5 On None On On Off On (On) Off (On) On Off (On) On None (On) On None On On Off On (On) Off (On) On Off (On)
25 1/4-40 NS .118 EPOXY (3.00) SEAL DIA.
.030 (0.76) TYP.
.080 (2.05) TYP.
A101SYZQ
DPDT
1.12 REF. .410 .350 (10.41) (8.90) 25 .358 (9.09) .155 (3.94) .030 (0.76) TYP. .040 (1.02) .028 (0.71) .450 (11.43) .185 (4.70) .050 (1.27) .190 (4.83) KEYWAY .500 (12.70)
Tyco Electronics
Alcoswitch
Type Act. Code P.M5
1/4-40 THREAD .060 (1.52)
Silver Contacts 4-1437555-9 A201SYZQ 6-1437555-2 A203SYZQ 7-1437555-0 A205SYZQ 7-1437555-6 A207SYZQ 8-1437555-5 A208SYZQ 1437556-1 A211SYZQ 1437556-4 A213SYZQ 1437556-7 A215SYZQ
DPDT DPDT DPDT DPDT DPDT SP3T SP3T SP3T
2 6 6 6 2 11 11 11
On On (On) On On On On (On)
None Off Off Off None On On On
On On (On) (On) (On) On (On) (On)
ALCO
.040 (1.02)
A201SYZQ
C27
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, PC Terminals, Long Bat Actuators
* Refer to Pages C22-C26 for Additional Options *
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
.185 (4.70) TYP. 3 .500 (12.7) 2 1 .073 (1.85) DIA. TYP. .200 (5.08)
SPDT/DPDT
KEYWAY .048 (1.22) .200 (5.08) .205 (5.21) .118 (3.00) .050 (1.27) .185 (4.70)
.030 (0.76)
.410 (10.41)
.500 (12.71)
C
A101SYAB
Gemini Series
Horizontal Actuation
.500 (12.70) .453 (11.50)
1.13 (28.7) REF. 1/4-40 NS
EPOXY SEAL
.185 (4.70) TYP. 6 5 2 4 1
.150 (3.80)
KEYWAY
.048 (1.22) TYP.
.118 .410 (3.00) (10.41) DIA. .126 (3.20) .200 (5.08) .358 (9.10)
.016 (0.40) .500 (12.70)
.040 (1.02) .050 (1.27) TYP. .185 (4.70) .031 (0.80) TYP.
3 .500 (12.7)
.073 (1.85) DIA. TYP. .200 (5.08)
.150 (3.81)
Tyco Alcoswitch Electronics Gold Contacts 4-1437554-3 A101SYAB A103SYAB 4-1437555-3 A201SYAB A208SYAB
Type SPDT SPDT DPDT DPDT
Act. Code P.M5 1 5 2 2 On None On On Off On On None On On None (On)
SPDT/DPDT
KEYWAY .265 (6.70) .500 (12.70) 25 1.36 (34.50) REF. .410 .358 (10.41) (9.09) ALCO .248 (6.30) TYP. .185 (4.70) TYP. .073 (1.85) DIA. TYP.
.118 (3.00) DIA.
1/4-40 NS EPOXY SEAL
.030 (0.76) TYP.
.080 (2.05) TYP.
.185 (4.70) TYP.
A101SYCB
KEYWAY .453 (11.50) .500 (12.70) 25
1.36 (34.50) REF. .410 .358 (10.41) (9.09) ALCO
.248 (6.30) TYP. .185 (4.70) TYP.
.050 (1.27) TYP.
.190 (4.80) 3 2 6 5 4
.073 (1.85) DIA. TYP.
.118 (3.00) DIA.
1/4-40 NS EPOXY SEAL
.030 (0.76) TYP.
.040 (1.00) .185 (4.70) TYP.
1
.190 (4.83)
A201SYCB
Tyco Electronics Gold Contacts 4-1437554-5 7-1437554-2 1-1437555-8 4-1437555-5 6-1437555-0 8-1437555-3
Alcoswitch A101SYCB A103SYCB A108SYCB A201SYCB A203SYCB A208SYCB
Type SPDT SPDT SPDT DPDT DPDT DPDT
Act. Code P.M5 1 5 1 2 6 2 On None On On Off On On None (On) On None On On Off On On None (On)
C28
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Wire Wrap or Wire Lug, Long Bat Actuators
* Refer to Pages C22-C26 for Additional Options *
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
1.12 (28.44) .410 REF. .358 (10.41) (9.09) .350 (8.90) 25 ALCO
SPDT/DPDT
.750 (19.05) .185 (4.70) TYP.
KEYWAY .265 (6.70) .500 (12.70)
1/4-40 NS EPOXY .118 SEAL (3.00) DIA.
.030 (0.76) TYP.
C
.080 (2.05) TYP.
Gemini Series
KEYWAY .453 (11.50) .500 (12.70) 25
1.12 (28.44) .410 REF. .358 (10.41) (9.09) .350 (8.90) ALCO
.750 (19.05)
.185 (4.70) TYP.
.080 (2.03) TYP.
.190 (4.83)
A101SYWQ
1/4-40 NS .118 (3.00) DIA. EPOXY SEAL .030 (0.76) TYP.
.040 (1.02)
Tyco Electronics Silver Contacts 4-1437554-8 7-1437554-5 4-1437555-7
Alcoswitch A101SYWQ A103SYWQ A201SYWQ A203SYWQ
Type SPDT SPDT DPDT DPDT
Act. Code P.M5 1 5 2 6 On None On Off On None On Off On On On On
A201SYWQ
1.271 (32.29) REF. .280 .358 (7.10) (9.09) .500 (12.70) ALCO .265 (6.70) KEYWAY 25 .480 (12.19)
.155 (3.94) TYP. .185 (4.70) TYP.
SPDT/DPDT
.118 1/4-40 NS EPOXY SEAL (3.00) DIA.
.030 (0.80) TYP.
.080 (2.03) TYP.
.453 (11.50)
KEYWAY .500 (12.70) 25
1.271 (32.29) REF. .280 .358 (7.10) (9.09) ALCO .480 (12.19)
.155 (3.94) TYP. .185 (4.70) TYP. .040 (1.00)
A101SDZQ
.080 (2.03) TYP.
1/4-40 NS .118 (3.00) DIA. EPOXY SEAL .030 (0.76) TYP.
.190 (4.80)
Tyco Electronics Silver Contacts 4-1437554-0 6-1437554-9 4-1437555-1 5-1437555-9
Alcoswitch A101SDZQ A103SDZQ A201SDZQ A203SDZQ
Type SPDT SPDT DPDT DPDT
Act. Code P.M5 1 5 2 6 On None On Off On None On Off On On On On
A201SDZQ
C29
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
* Refer to Pages C22-C26 for Additional Options *
Toggle Switches, A Series, PC Tail, Straight or Right Angle, Long Bat Actuator
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS SPDT
.040 (1.02) .500 (12.70) Keyway 1/4-40 NS 25 .185 (4.70 .480 .280 .358 (12.19) (7.11) (9.09) .155 (3.94) EPOXY SEAL .030 (0.76) .050 (1.26) TYP.
C
Gemini Series
.028 (0.71) .270 (6.86)
A101SDCQ
.453 (11.50)
KEYWAY 1/4-40 NS .500 (12.70) 25
EPOXY SEAL
.030 (0.76) TYP. .050 (1.27) TYP.
.190 (4.80)
DPDT
.480 .280 .358 .155 (12.19) (7.11) (9.09) (3.94)
.185 (4.70) TYP.
.040 (1.00)
Tyco Electronics Silver Contacts 3-1437554-9 6-1437554-8 1571670-1
Alcoswitch A101SDCQ A103SDCQ A201SDCQ A203SDCQ A208SDCQ
Type SPDT SPDT DPDT DPDT DPDT
Act. Code P.M5 1 5 2 6 2 On On On On On None On Off On None On Off On None (On)
A201SDCQ
SPDT/DPDT
.270 (6.86) .048 (1.22) .200 (5.08)
.500 (12.7)
.205 (5.21)
.480 (12.19) .030 (0.76) .280 (7.11) .500 (12.70)
.050 (1.27) Typ.
.185 (4.70) Typ.
A101SD9AQ
Horizontal Actuation
.500 (12.70) .252 (6.40) Keyway .453 (11.50) .048 (1.22) .200 (5.08) .480 (12.19) .016 (1.40) .287 (7.30) .500 (12.70) .118 (3.00) Dia. 1.13 (28.6) Ref. Epoxy Seal .040 (1.00)
.050 (1.27) Typ. .150 (3.81) .031 (0.80) Typ.
.185 (4.70) Typ.
A201SD9AQ
Horizontal Actuation
Tyco Electronics Silver Contacts 3-1437554-4 6-1437554-4 1-1437555-6 3-1437555-8 8-1437555-1
Alcoswitch A101SD9AQ A103SD9AQ A108SD9AQ A201SD9AQ A208SD9AQ
Tyco Alcoswitch Electronics Gold Contacts 3-1437554-3 A101SD9AB A103SD9AB A201SD9AB A208SD9AB
Type SPDT SPDT SPDT DPDT DPDT
Act. Code P. M5 1 5 1 2 2 On On On On On None Off None None None On On (On) On (On)
C30
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Vertical, Right Angle, Long Bat Actuator
* Refer to Pages C22-C26 for Additional Options *
.270 (6.86) EPOXY SEAL Keyway 25 .048 (1.22) Typ. .200 (5.08) .480 .280 .500 (12.19) (7.11) (12.7) .030 (0.76) Typ. .150 (3.81) .040 (1.00) Epoxy Seal ALCO .125 (3.18) .050 (1.27) TYP. .030 (0.76) Typ. .150 (3.81) .190 (4.80) .500 (12.7) .190 (4.83) 6 5 4 .073 (1.85) Dia. .200 (5.08) ALCO .500 (12.70) .500 (12.7) .125 (3.18) .048 (1.22) .200 (5.08)
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
.150 (3.81) TYP. 3 2 1 .073 (1.85) Dia.
SPDT
C
A101SD9AV2Q
Vertical Actuation
Gemini Series
.453 (11.50) Keyway .500 (12.7) .048 (1.22) Typ. 25 .118 (3.00) DIA. .016 (0.40)
1.13 (28.7)
.150 (3.81) 3 2 1
DPDT
.200 (5.08)
.480 .287 .500 (12.19) (7.30) (12.7)
A201SD9AV2Q
Vertical Actuation
Type DPDT DPDT DPDT Act. Code P.M5 2 6 2 On None On On Off On On None (On)
Tyco Alcoswitch Electronics Silver Contacts 3-1437554-6 A101SD9AV2Q 6-1437554-6 A103SD9AV2Q
Type SPDT SPDT
Act. Code P.M5 1 5 On None On On Off On
Tyco Alcoswitch Electronics Silver Contacts 3-1437555-9 A201SD9AV2Q 5-1437555-8 A203SD9AV2Q 8-1437555-2 A208SD9AV2Q
Toggle Switches, A Series, Wire Lug, Locking Toggle
SPDT
Epoxy Seal Keyway .270 (6.86) 1/4-40 NS .050 (1.27) .185 (4.70) .080 (2.03)
.500 (12.70)
25
ALCO
.030 (0.76)
.118 (3.00) Dia.
.580 (14.73) Locked .650 (16.51) Unlocked .650 (16.51) Unlocked
.315 (8.00)
.358 (9.09)
.315 (8.00)
A101KZQ
DPDT
.050 (1.27) 1/4-40 NS ALCO .158 (4.00) Ref. .185 (4.70) .040 (1.00) .080 (2.00) Typ.
Keyway .453 (11.50) .500 (12.7)
.580 (14.73) Locked
25
.315 (8.00)
.030 (0.76) Typ. .358 (9.09) Epoxy Seal
.189 (4.80)
A201KZQ
Tyco Alcoswitch Electronics Silver Contacts 2-1437555-5 A201KZQ 5-1437555-3 A203KZQ A205KZQ A211KZQ Type Act. Code P. M5 DPDT DPDT DPDT SP3T 2 6 6 11 On None On On Off On (On) Off (On) On On On
Tyco Electronics Silver Contacts 1437554-9 5-1437554-8
Alcoswitch A101KZQ A103KZQ
Type SPDT SPDT
Act. Code P. M5 1 5 On None On On Off On
Tyco Alcoswitch Electronics Gold Contacts A201KZB A203KZB 6-1437555-5 A205KZB 8-1437555-8 A211KZB
C31
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
* Refer to Pages C22-C26 for Additional Options *
Toggle Switches, A Series, Right Angle, Short Bat Actuators
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS SPDT
Keyway .205 (5.21) .270 (6.86) .048 (1.22) .200 (5.08) .030 (0.76) .500 (12.70) .185 (4.70) Typ. .050 .280 .500 (1.27) (7.11) (12.70) .125 (3.18) .270 (6.86) .185 (4.70) Typ.
321
.500 (12.7) .073 (1.85) Dia.
C
Gemini Series
.200 (5.08)
A101MD9AQ Horizontal Actuation
Tyco Alcoswitch Electronics Silver Contacts 1-1437554-6 A101MD9AQ 6-1437554-1 A103MD9AQ A108MD9AQ
.500 (12.70) Keyway
Tyco Alcoswitch Electronics Gold Contacts 1-1437554-4 A101MD9AB 5-1437554-9 A103MD9AB 1-1437555-2 A108MD9AB
Type SPDT SPDT SPDT
.185 (4.70) Typ. 6
Act. Code P. M5 1 5 1 On None On On Off On On None (On)
DPDT
.205 (5.21) .453 (11.53)
Epoxy Seal
.040 (1.02)
.150 (3.81) 5 2 4 1
.048 (1.22) .200 (5.08)
.030 (0.76)
.270 (6.86) .280 .500 (7.11) (12.70)
.050 (1.27) Typ. .150 (3.81) .185 (4.70) Typ.
3
.500 (12.7)
.200 (5.08)
.073 (1.85) Dia.
A201MD9AQ
Horizontal Actuation
Tyco Alcoswitch Electronics Silver Contacts 2-1437555-8 A201MD9AQ
.910 (23.0) Ref.
Tyco Alcoswitch Electronics Gold Contacts 2-1437555-7 A201MD9AB 5-1437555-4 A203MD9AB
Type DPDT DPDT
Act. Code P. M5 2 6 On None On On Off On
SPDT
Keyway
.040 (1.02)
ALCO
.496 (12.6)
.270 (6.86) .252 (6.40) 25 Dia. .106 (2.70) Dia.
Epoxy Seal .150 (3.81) 3 .125 (3.18) .031 (0.81) Typ. .050 (1.26) .500 (12.7) 2 1 .073 (1.85) Dia. TYP.
.048 (1.22) Typ.
.126 (3.20) .200 (5.08)
.016 (0.40) .287 .500 (7.30) (12.7) .150 (3.81)
A101MD9AV2Q
Vertical Actuation
.200 (5.08)
Tyco Tyco Alcoswitch Alcoswitch Type Act. Code P. M5 Electronics Electronics Silver Contacts Gold Contacts 1-1437554-9 A101MD9AV2Q 1-1437554-7 A101MD9AV2B SPDT 1 A103MD9AV2Q 6-1437554-2 A103MD9AV2B SPDT 5 A108MD9AV2Q SPDT 1
On None On On Off On On None (On)
.190 (4.83)
DPDT
.453 (11.50) Keyway .500 (12.70) .048 (1.22) Typ. .040 (1.02) .270 (6.86) .252 (6.40) 25 Dia. .106 (2.70) Dia.
.910 (23.0) Ref.
Epoxy Seal .125 (3.18)
.150 (3.81)
3 2 1
6 5 4 .073 (1.85) Dia.
ALCO
.200 (5.08)
.016 (0.40) .500 .287 (7.30) (12.7) .150 (3.81)
.050 .031 (1.26) (0.81) Typ.
.500 (12.7) .190 (4.80)
A201MD9AV2AQ
Vertical Actuation
.200 (5.08)
Tyco Tyco Alcoswitch Alcoswitch Type Act. Code P. M5 Electronics Electronics Gold Contacts Silver Contacts 3-1437555-0 A201MD9AV2Q 2-1437555-9 A201MD9AV2B DPDT 2 A203MD9AV2Q A203MD9AV2B DPDT 6 A208MD9AV2Q A208MD9AV2B DPDT 2
On None On On Off On On None (On)
C32
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Vertical, Wire Lug, Flat or Long Bat Actuator
* Refer to Pages C22-C26 for Additional Options *
.185 (4.70) Typ. 1/4-40 NS .500 (12.70) .029 (0.74) 25
ALCO
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
Keyway .080 (2.03) .030 (0.80) Typ.
.040 (1.02)
SPDT
.270 (6.86)
.200 .450 .350 .358 .155 (5.08) (11.43) (8.89) (9.09) (3.94)
C
Gemini Series
A101P3YZQ
Tyco Electronics Silver Contacts 2-1437554-9 6-1437554-3 8-1437554-7 1437555-5 1-1437555-5
Alcoswitch A101P3YZQ A103P3YZQ A105P3YZQ A107P3YZQ A108P3YZQ
Type Act. Code P.M5 SPDT SPDT SPDT SPDT SPDT 1 5 5 5 1 On None On Off (On) Off On Off On None On On (On) (On) (On)
1/4-40NS .453 (11.50) 1.154 (29.3) Ref.
ALCO
DPDT
.040 (1.00) .080 (2.02) Typ.
.155 (3.94)
.450 (11.43) 25
Tyco Electronics Silver Contacts 3-1437555-6 5-1437555-6 6-1437555-6 7-1437555-3 8-1437555-0 9-1436555-3
Alcoswitch A201P3YZQ A203P3YZQ A205P3YZQ A207P3YZQ A208P3YZQ A211P3YZQ A215P3YZQ
Type Act. Code P.M5 DPDT DPDT DPDT DPDT DPDT SP3T SP3T 2 6 6 6 2 11 11 On None On Off (On) Off On Off On None On On (On) On On On (On) (On) (On) On (On)
.500 (12.7)
.030 (0.80) Typ.
Keyway
.100 (2.50)
.347 (8.80)
.358 (9.09) .185 (4.70) Typ.
.190 (4.80)
A201P3YZQ
SPDT
.265 (6.70) .238 (6.05) .687 (17.45) .468 .358 (11.89) (9.09) .155 (3.84) Typ. .080 (2.00) Typ.
25
ALCO
.500 (12.7)
Keyway
15/32-32 NS
Tyco Alcoswitch Electronics Silver Contacts 5-1437554-6 A101TZQ 8-1437554-0 A103TZQ
Type Act. Code P.M5 SPDT SPDT 1 5 On None On On Off On
Epoxy Seal .185 (4.70) Typ.
.030 (0.80) Typ.
A101TZQ
.455 (11.55)
.687 (17.45) .500 (12.7)
.468 .358 (11.89) (9.09)
ALCO
.155 (3.94) Typ.
.040 (1.00)
.080 (2.02) Typ.
DPDT
25
.030 (0.80) Typ. .185 (4.70) Typ. .190 (4.80)
15/32-32 NS Keyway
Epoxy Seal
Tyco Alcoswitch Electronics Silver Contacts 5-1437555-2 A201TZQ 6-1437555-4 A203TZQ A211TZQ
Type Act. Code P.M5 DPDT DPDT SP3T 2 6 11 On None On On Off On On On On
A201TZQ
C33
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Wire Lug, 15/32 Bushing, Short Bat Actuator
* Refer to Pages C22-C26 for Additional Options *
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS SPDT
.265 (6.70) .238 (6.05) Dia. .468 (11.89) .358 (9.09) .155 (3.94) Typ. .185 (4.70) Typ. 15/32 NS .030 (0.80) Typ. .080 (2.00) Typ.
.460 (11.68)
C
Gemini Series
Keyway
.500 (12.70) 25
A103T1ZQ
Tyco Electronics Silver Contacts 5-1437554-4 7-1437554-9 9-1437554-8
Alcoswitch A101T1ZQ A103T1ZQ A105T1ZQ A108T1ZQ
Type Act. Code P.M5 SPDT SPDT SPDT SPDT 1 5 5 1 On None On Off (On) Off On None On On (On) (On)
DPDT
.238 (6.05)
.460 .468 .358 (11.68) (11.89) (9.09)
.080 (2.02) Typ. .155 (3.94) Typ. .185 (4.70) Typ. .040 (1.00)
Keyway
.500 (12.70)
25 15/32 NS .030 (0.80) Typ. .190 (4.80)
A201T1ZQ
Tyco Electronics Silver Contacts 5-1437555-0 6-1437555-3 7-1437555-1 7-1437555-7 8-1437555-6 1437556-2
Alcoswitch A201T1ZQ A203T1ZQ A205T1ZQ A207T1ZQ A208T1ZQ A211T1ZQ
Type Act. Code P.M5 DPDT DPDT DPDT DPDT DPDT SP3T 2 6 6 6 2 11 On None On Off (On) Off On Off On None On On On On (On) (On) (On) On
C34
Catalog 1308390 Issued 9-04 www.tycoelectronics.com Dimensions are in inches and millimeters unless otherwise specified. Values in parentheses or brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967


▲Up To Search▲   

 
Price & Availability of A215SYZQ1437556-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X